Part Number Hot Search : 
R30100P MSC23 SP800L P5KE120A PSB2186 BU16025 15000 2SB1625
Product Description
Full Text Search
 

To Download MSFC60-08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  msfc60 document number: msfc60 www. smsemi .com dec.20, 2010 1 module type diode maximum ratings symbol item conditions values units i d output current(d.c.) tc=85 60 a i fsm surge forward current t=10ms tvj =45 1500 a i 2 t circuit fusing consideration 11000 a 2 s visol isolation breakdown voltage(r.m.s) a.c.50hz;r.m.s.;1min 3000 v tvj operating junction temperature -40 to +125 tstg storage temperature -40 to +125 mt mounting torque to terminals(m5) 315% nm ms to heatsink(m6) 515% nm weight module approximately 100 g thermal characteristics symbol item conditions values units r th(j-c) thermal impedance, max. junction to case 0.29 /w rth(c-s) thermal impedance, max. case to heatsink 0.10 /w electrical characteristics thyristor/diode modules v rrm / v drm 800 to 1600v i fav / i tav 60amp features y international standard package y high surge capability y glass passivated chip y simple mounting y heat transfer through aluminum oxide dbc ceramic isolated metal baseplate y ul e243882 approved type v rrm/ v drm v rsm MSFC60-08 msfc60-12 msfc60-16 800v 1200v 1600v 900v 1300v 1700v applications y power converters y lighting control y dc motor control and drives y heat and temperature control circuit values symbol item conditions min. typ. max. units v fm forward voltage drop, max. t=25 i f =200a 1.65 v i rrm repetitive peak reverse current, max. t vj =25 v rd =v rrm t vj =125 v rd =v rrm 0.5 6 ma ma
msfc60 document number: msfc60 www. smsemi .com dec.20, 2010 2 thyristor maximum ratings thermal characteristics symbol item conditions values units r th(j-c) thermal impedance, max. junction to case 0.57 /w rth(c-s) thermal impedance, max. case to heatsink 0.20 /w electrical characteristics symbol item conditions values units i tav average on-state current sine 180 o ;tc=85 60 a i tsm surge on-state current t vj =45 t=10ms, sine t vj =125 t=10ms, sine 1500 1250 a i 2 t circuit fusing consideration t vj =45 t=10ms, sine t vj =125 t=10ms, sine 11000 8000 a2s visol isolation breakdown voltage(r.m.s) a.c.50hz;r.m.s.;1min 3000 v tvj operating junction temperature -40 to +125 tstg storage temperature -40 to +125 mt mounting torque to terminals(m5) 3 15% nm ms to heatsink(m6) 5 15% nm di/dt critical rate of rise of on-state current t vj = t vjm , 2/3v drm ,i g =500ma tr<0.5us,tp>6us 150 a/us dv/dt critical rate of rise of off-state voltage, min. t j =t vjm ,2/3v drm linear voltage rise 1000 v/us a maximum allowable acceleration 50 m/s 2 values symbol item conditions min. typ. max. units v tm peak on-state voltage, max. t=25 i t =200a 1.65 v i rrm /i drm repetitive peak reverse current, max. / repetitive peak off-state current, max. t vj =t vjm ,v r =v rrm ,v d = v drm 15 ma v to on state threshold voltage for power-loss calculations only (t vj =125 ) 0.9 v r t value of on-state slope resistance. max t vj =t vjm 3.5 m ? v gt gate trigger voltage, max. t vj =25 , v d =6v 3.0 v i gt gate trigger current, max. t vj =25 , v d =6v 150 ma v gd non-triggering gate voltage, max. t vj =125 ,v d =2/3v drm 0.25 v i gd non-triggering gate current, max. t vj =125 , v d =2/3v drm 6 ma i l latching current, max. t vj =25 , r g = 33 ? 300 600 ma i h holding current, max. t vj =25 , v d =6v 150 250 ma tgd gate controlled delay time tvj=25 , ig=1a, dig/dt=1a/us 1 us tq circuit commutated turn-off time t vj =t vjm 80 us
msfc60 document number: msfc60 www. smsemi .com dec.20, 2010 3 performance curves fi g 1. power dissi p ation fig2.forward current derating curve 0 i tav 25 25 a 75 100 w 75 50 25 p tav 0 rec.30 rec.60 rec.120 sin.180 dc fig3. transient thermal impedance fig4. max non-repetitive forward surge current fig5. forward characteristics 0.001 t 0.01 0.1 1 10 s 100 1.0 / w 0.5 0 z th(j- c ) z th(j- s ) 10 100 ms 1000 50hz 2000 a 1000 0 0 v tm 0.5 1.0 1.5 2.0 v 2.5 250 a 200 150 100 25 i t 0 max . typ . dc sin.180 rec.120 rec.60 rec.30 i tavm 90 a 72 54 36 18 0 0 tc 50 100 130 25 - - - 125
msfc60 document number: msfc60 www. smsemi .com dec.20, 2010 4 package outline information case: f1 dimensions in mm fig6. gate trigger characteristics 1/2 msfc60 v gd125 i gd125 i gt v gt 20v;20 ? pg(tp) 0.001 i g 0.01 0.1 1 10 a 100 100 v 10 1 v g 0.1 -40 25 125 t vj


▲Up To Search▲   

 
Price & Availability of MSFC60-08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X